PART |
Description |
Maker |
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
LY8891-12 LY8891BL LY8891UL |
2.0 Watt Audio Power Amplifier
|
Lyontek Inc.
|
TDA2040 TDA2040H |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
ECG1081A |
4.8-WATT AUDIO POWER AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC]
|
LY8895UL LY8895 |
1.4 Watt Audio power Amplifier
|
Lyontek Inc.
|
NCP2990FCT2G NCP2990 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time
|
ONSEMI[ON Semiconductor]
|
NCP4894 NCP4894FCT1 NCP4894FCT1G NCP4894DMR2 NCP48 |
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
|
ONSEMI[ON Semiconductor]
|
LR6311 |
3 Watt Mono Filter-Free Class-D Audio Power Amplifier
|
Leshan Radio Company
|
BL6211 |
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
|
http:// SHANGHAI BELLING CO., LTD.
|
AT49BV001 AT49LV001 AT49LV001N-70TI AT49BV001N AT4 |
LM4867 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: TSSOP EXP PAD; No of Pins: 20 DC-DC Converter, 15Watt, Input VDC: 9~18, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C LM4867 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: LLP; No of Pins: 24 LM4867 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: TSSOP; No of Pins: 20 5015 RR 5#16S SKT RECP LM4879 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4875 Boomer ® Audio Power Amplifier Series 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch; Package: SOIC NARROW; No of Pins: 8 LM4868 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: TSSOP; No of Pins: 20 LM4875 Boomer ® Audio Power Amplifier Series 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch; Package: MINI SOIC; No of Pins: 8 LM4868 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: TSSOP EXP PAD; No of Pins: 20 LM4868 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: LLP; No of Pins: 24 LM4873 Boomer ® Audio Power Amplifier Series Dual 2.1W Audio Amplifier Plus Stereo Headphone Function; Package: TSSOP; No of Pins: 20 LM4877 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low; Package: MICRO SMD; No of Pins: 8 LM4869 Boomer ® Audio Power Amplifier Series 1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown; Package: TSSOP EXP PAD; No of Pins: 20 5015 RR 4#16S SKT RECP 5015 RR 3#16S SKT RECP 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 2.7V PROM, 120 ns, PQCC32 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 LM4877 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low; Package: MICRO SMD; No of Pins: 8 128K X 8 FLASH 3V PROM, 70 ns, PDIP32 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 1兆位128K的8.7伏电池电压快闪记忆体 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 128K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PQCC32 LM4872 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier in micro SMD package; Package: MICRO SMD; No of Pins: 8 128K X 8 FLASH 3V PROM, 70 ns, PDIP32 LM4868 Boomer ® Audio Power Amplifier Series Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function; Package: LLP; No of Pins: 24
|
Atmel Corp. Atmel, Corp.
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|